Part Number Hot Search : 
5WR200K SR250 BD3200YS 60601B FU120 T211029 SOT223 AT73C500
Product Description
Full Text Search
 

To Download SF801G13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? high efficiency, low vf ? high current capavility ? high reliability ? high surge current capability sf801g to-220ab 50 / tube c0 maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. symbol sf 801g sf 802g sf 803g sf 804g sf 805g sf 806g sf 807g sf 808g units v rrm 50 100 150 200 300 400 500 600 v v rms 35 70 105 140 210 280 350 480 v v dc 50 100 150 200 300 400 500 600 v i f(av) a ua ua trr ns cj pf r jc o c/w t j o c t stg o c sf801g - sf808g 8.0amps. glass passivated super fast rectifiers features ? low power loss. ? for use in low voltage, high frequency inverter, free wheeling, and polarity protection application ? green compound with suffix "g" on packing code & prefix "g" on datecode. mechanical data ? case: to-220ab molded plastic ? epoxy: ul 94v-0 rate flame retardant ? terminals: pure tin plated, lead free. solderable per mil-std-202, method 208 guaranteed ? polarity: as marked ? high temperature soldering guaranteed: 260 o c/10 seconds 16".,(4.06mm) from case. ? weight: 1.90 grams parameter maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 8 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 125 a maximum instantaneous forward voltage (note 1) @ 4 a v f 0.975 1.3 1.7 v operating temperature range - 65 to + 150 maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =100 i r 10 400 maximum reverse recovery time (note 2) 35 - 65 to + 150 note 1: pulse test with pw=300 usec, 1% duty cycle note 2: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a. note 3: measured at 1 mhz and applied reverse voltage of 4.0 v d.c. typical junction capacitance (note 3) 70 50 typical thermal resistance 3 version:f13 to-220ab ordering information(example) part no. package packing packing code packing code (green) c0g storage temperature range
version:f13 ratings and characteristic curves (sf801g thru sf808g) 0 2 4 6 8 10 050100150 average forward current (a) case temperature ( o c) fig.1- maximum forward current derating curve resistive or inductiveload with heatsink 0 30 60 90 120 150 1 10 100 peak forward surge current(a) number of cycles at 60 hz fig. 3- maximum non-repetitive forward surge current 8.3ms single half sine wave jedec method ta=25 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 instantaneous reverse current. (ua) percent of rated peak reverse voltage (%) fig. 2- typical reverse characteristics ta=25 ta=100 40 50 60 70 80 90 100 1 10 100 1000 capacitance (pf) reverse voltage. (v) fig. 4- typical junction capacitance ta=25 o c sf801g~sf804g sf805g~sf808g 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 instantaneous forward current. (a) forward voltage. (v) fig. 5- typical forward characteristics ta=25 o c pulse width=300us 1% duty cycle sf801g~sf804g sf805g~sf806g sf807g~sf808g
to-220ab dimensions min max min max a - 10.50 - 0.413 b 2.62 3.44 0.103 0.135 c 2.80 4.20 0.110 0.165 d 0.68 0.94 0.027 0.037 e 3.54 4.00 0.139 0.157 f 14.60 16.00 0.575 0.630 g 13.19 14.79 0.519 0.582 h 2.41 2.67 0.095 0.105 i 4.42 4.76 0.174 0.187 j 1.14 1.40 0.045 0.055 k 5.84 6.86 0.230 0.270 l 2.20 2.80 0.087 0.110 m 0.35 0.64 0.014 0.025 p/n = specific device code g = green compound yww = date code c0g packing code c0 ordering information part no. package bulk packing packing code (green) dim. unit(mm) unit(inch) marking diagram sf80xg 50 / tube note: "x" is device code from "1" thru "8"


▲Up To Search▲   

 
Price & Availability of SF801G13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X